PART |
Description |
Maker |
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
IRLI530G IRLI530GPBF |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16惟 , ID=9.7A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16Ω , ID=9.7A )
|
International Rectifier
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFBC40LC IRFBC40LCPBF IRFBG30PBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET HEXFET-R POWER MOSFET
|
IRF[International Rectifier]
|
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
IRFS9N60A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
Fairchild Semiconductor International Rectifier
|